Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 19Page - STMicroelectronics M41TC8025 Datasheet HTML 20Page - STMicroelectronics M41TC8025 Datasheet HTML 21Page - STMicroelectronics M41TC8025 Datasheet HTML 22Page - STMicroelectronics M41TC8025 Datasheet HTML 23Page - STMicroelectronics M41TC8025 Datasheet HTML 24Page - STMicroelectronics M41TC8025 Datasheet HTML 25Page - STMicroelectronics M41TC8025 Datasheet HTML 26Page - STMicroelectronics M41TC8025 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DocID022873 Rev 4
23/41
M41TC8025
Operation
Note:
All the timer update interrupt function related register bits are marked in bold.
2.7.1
Related registers
The USEL bit in register 0Dh is for the selection of either one-second or one-minute update
generating the interrupts. If USEL=0 (default value), one-second update interrupt is
selected. If USEL=1, one-minute update interrupt is selected.
The UF bit in register 0Eh is the time update interrupt flag. Once the time gets updated (one-
second or one-minute selected by USEL bit), the UF bit is set to 1 to indicate a time update
occurrence. Once UF=1, it will not be auto-cleared and relies on the user to reset it to 0.
Resetting the UF bit to 0 will release the IRQ pin from low to Hi-Z immediately, otherwise the
IRQ pin is auto-released after tRTN time specified in Table 18.
The UIE bit in register 0Fh is the interrupt enable bit. If the interrupt is enabled (UIE=1) and
there is a time update event, the IRQ pin will be pulled low. If the interrupt is disabled
(UIE=0), even when there is a time update event, the IRQ pin will remain Hi-Z. The UF bit
still can be set to 1 regardless of the status of the IRQ pin. Resetting the UIE bit to 0 while
IRQ is low will immediately release the IRQ pin (change to Hi-Z).
Note:
1
The IRQ pin auto-release time (tRTN) varies according to the selection of the interrupt.
2
When the source clock has been set to "second update" or "minute update", the timing of
both counting and interrupts is coordinated with the clock update timing.
3
Since RESET=1 will stop the clock chain below 4,096 Hz, both the one-second update and
one-minute update will be stopped.
2.7.2
Starting the time update interrupt
Once the M41TC8025 is powered on, the time update interrupt is turned on. According to
the selection of the USEL bit (one-second or one-minute update), the UF bit will be set once
there is a time update. The IRQ pin will be pulled low if it is enabled (bit UIE=1).
Table 17. Time update interrupt related register bits
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Dh
Extension
register
TEST
WADA USEL
TE
FSEL1 FSEL0 TSEL1 TSEL0
0Eh
Flag register
0
0
UF
TF
AF
0
VLF
VDET
0Fh
Control register CSEL1 CSEL0
UIE
TIE
AIE
0
0
RESET
Table 18. Time update interrupt cycle selection
USEL
Time update interrupt cycle
Auto reset
time (tRTN)
Effect of RESET bit
0
One-second update (once per second)
500 ms
Does not operate when
RESET = 1
1
One-minute update (once per minute)
7.8125 ms
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com