Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 16Page - STMicroelectronics M41TC8025 Datasheet HTML 17Page - STMicroelectronics M41TC8025 Datasheet HTML 18Page - STMicroelectronics M41TC8025 Datasheet HTML 19Page - STMicroelectronics M41TC8025 Datasheet HTML 20Page - STMicroelectronics M41TC8025 Datasheet HTML 21Page - STMicroelectronics M41TC8025 Datasheet HTML 22Page - STMicroelectronics M41TC8025 Datasheet HTML 23Page - STMicroelectronics M41TC8025 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Operation
M41TC8025
20/41
DocID022873 Rev 4
2.6.2
Fixed-cycle timer interrupt interval configuration
Table 16 gives examples of the possible periods for the fixed-cycle timer interrupt.
2.6.3
Time error in fixed-cycle timer interrupt
Before configuring the fixed-cycle timer interrupt conditions, for example, setting the values
in register 0Bh and 0Ch or selecting the source clock, it is recommended to write "0" to both
the TE and TIE bits to prevent hardware interrupts during the configuration period.
When the TE bit is set from 0 to 1, the first interrupt may not be generated correctly. The
maximum time error could be as much as the source clock period as illustrated below in
Figure 10.
In a similar way, if the user sets the RESET bit to 1, the fraction of the internal clock chain
below 4 kHz will be cleared. This can also result in an error in the first interrupt once the
RESET bit is cleared. This timing error does not affect the 4 kHz clock source fixed-cycle
interrupt.
Figure 10. Fixed-cycle interrupt - first interrupt time error
Table 16. Fixed-cycle timer interrupt configuration
Timer counter
setting
Source clock
4096 Hz
TSEL1,0 = 0,0
64 Hz
TSEL1,0 = 0,1
“Second” update
1 Hz
TSEL1,0 = 1,0
“Minute” update
TSEL1,0 = 1,1
0-
-
-
-
1
244.14 μs
15.625 ms
1 s
1 min
2
488.28 μs
31.25 ms
2 s
2 min
...
...
...
...
...
41
10.01 ms
640.63 ms
41 s
41 min
205
50.049 ms
3.203 s
205 s
205 min
410
100.1 ms
6.406 s
410 s
410 min
2048
500 ms
32 s
2048 s
2048 min
...
...
...
...
...
4095
0.9998 s
63.984 s
4095 s
4095 min
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com