Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 26Page - STMicroelectronics M41TC8025 Datasheet HTML 27Page - STMicroelectronics M41TC8025 Datasheet HTML 28Page - STMicroelectronics M41TC8025 Datasheet HTML 29Page - STMicroelectronics M41TC8025 Datasheet HTML 30Page - STMicroelectronics M41TC8025 Datasheet HTML 31Page - STMicroelectronics M41TC8025 Datasheet HTML 32Page - STMicroelectronics M41TC8025 Datasheet HTML 33Page - STMicroelectronics M41TC8025 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Operation
M41TC8025
30/41
DocID022873 Rev 4
Figure 19. Battery backup sequence
2.11.2
Application flowcharts
The flowcharts in Figure 20 and Figure 21 give the user an example of the initial power-up
routine and the initialization procedure of the M41TC8025. The user can modify them based
on the real application.
Figure 20. Initial power-up routine
Table 23. Battery backup time AC characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Power supply detection voltage 1
VDET
-
2.2
V
Power supply detection voltage 2
VLF
-
1.6
V
Power supply drop time
tF
-2
μs/V
Initial power-up time
tR1
-
10
ms/V
Clock maintenance power-up time
tR2
1.6 V to VCC 3.6 V
5
μs/V
1.6 V to VCC  3.6 V
15
μs/V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com