Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 4Page - STMicroelectronics M41TC8025 Datasheet HTML 5Page - STMicroelectronics M41TC8025 Datasheet HTML 6Page - STMicroelectronics M41TC8025 Datasheet HTML 7Page - STMicroelectronics M41TC8025 Datasheet HTML 8Page - STMicroelectronics M41TC8025 Datasheet HTML 9Page - STMicroelectronics M41TC8025 Datasheet HTML 10Page - STMicroelectronics M41TC8025 Datasheet HTML 11Page - STMicroelectronics M41TC8025 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Operation
M41TC8025
8/41
DocID022873 Rev 4
2
Operation
2.1
Overview of functions
2.1.1
User interface
The M41TC8025 RTC operates as a slave device on the serial I2C bus. Access is obtained
by implementing a START condition followed by the correct slave address (64h, see Table 3
on page 11). The 16-byte registers contained in the device can then be accessed.
2.1.2
Temperature-compensated clock and calendar
The M41TC8025 RTC provides the date and time (seconds, minutes, hours, day of week,
date (day of month), month and year) while incorporating temperature compensation
(sampling period user-programmable) to maintain accurate timekeeping over the extended
temperature range of -45 to +70 °C or the industrial temperature range of -40 to +85 °C.
Leap year is compensated automatically. Refer to Section 2.4: Clock and calendar on
page 15.
2.1.3
Programmable clock output
The M41TC8025 RTC provides a programmable, accurate 1 Hz, 1,024 Hz (1 KHz) and
32,768 Hz (32 KHz) output on the FOUT pin. The FOUT pin is a CMOS output and is
controlled by the FOE pin.
If the FOE pin is logic high, the FOUT output is enabled. If the FOE pin is logic low, the
FOUT output is disabled and is Hi-Z. Refer to Section 2.5: Programmable frequency output
on FOUT pin on page 17 for a detailed description.
2.1.4
Fixed-cycle timer interrupt
The fixed-cycle timer interrupt function generates periodic interrupts at any fixed-cycle
programmed between 244.14 μs and 4095 minutes.
When an interrupt is generated, the IRQ pin will be pulled low if enabled (bit TIE=1) and the
flag bit (TF) will be set to 1 to indicate the interrupt occurrence. After the IRQ pin is pulled
low, it will be automatically released (change to Hi-Z) after time tRTN so that periodic
interrupts can be generated even though the user does not clear the flag bit (no auto-clear
of the flag bit). Refer to Section 2.6: Fixed-cycle timer interrupt on page 18 for a detailed
description.
2.1.5
Time update interrupt
The time update interrupt function generates periodic interrupts at one-second or one-
minute cycles based on the internal clock timing update.
When a time update is generated, the IRQ pin will be pulled low if enabled (bit UIE=1) and
the flag bit (UF) will be set to 1 to indicate the time update occurrence. After the IRQ pin is
pulled low, it will be automatically released (change to Hi-Z) after time tRTN so that periodic
interrupts can be generated even if the user does not clear the flag bit (no auto-clear of the
flag bit). Refer to Section 2.7: Time update interrupt function on page 22 for a detailed
description.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com