Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 17Page - STMicroelectronics M41TC8025 Datasheet HTML 18Page - STMicroelectronics M41TC8025 Datasheet HTML 19Page - STMicroelectronics M41TC8025 Datasheet HTML 20Page - STMicroelectronics M41TC8025 Datasheet HTML 21Page - STMicroelectronics M41TC8025 Datasheet HTML 22Page - STMicroelectronics M41TC8025 Datasheet HTML 23Page - STMicroelectronics M41TC8025 Datasheet HTML 24Page - STMicroelectronics M41TC8025 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID022873 Rev 4
21/41
M41TC8025
Operation
2.6.4
Starting the fixed-cycle timer interrupt
The fixed-cycle timer interrupt internal counter value starts at the rising edge of the SCL
signal that occurs when the TE value is changed from "0" to "1" (after the LSB is
transferred). Refer to Figure 11 for a detailed illustration.
Figure 11. Fixed-cycle timer interrupt starting point
2.6.5
Stopping the fixed-cycle timer interrupt
When the RESET bit in control register 0Fh is 1, the clock divider <4 KHz is stopped. As a
result, the fixed-cycle timer interrupt with source clocks of 64 Hz, 1 Hz and "minute" update
will be stopped. The RESET bit will not affect the fixed-cycle timer interrupt with the source
clock of 4,096 Hz.
2.6.6
Example operation of the fixed-cycle timer interrupt
The fixed-cycle timer interrupt example is given in Figure 12. The fixed-cycle timer interrupt
timing sequence is given in Figure 13.
Figure 12. Example of fixed-cycle timer interrupt
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com