Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 2Page - STMicroelectronics M41TC8025 Datasheet HTML 3Page - STMicroelectronics M41TC8025 Datasheet HTML 4Page - STMicroelectronics M41TC8025 Datasheet HTML 5Page - STMicroelectronics M41TC8025 Datasheet HTML 6Page - STMicroelectronics M41TC8025 Datasheet HTML 7Page - STMicroelectronics M41TC8025 Datasheet HTML 8Page - STMicroelectronics M41TC8025 Datasheet HTML 9Page - STMicroelectronics M41TC8025 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Device overview
M41TC8025
6/41
DocID022873 Rev 4
1
Device overview
Figure 1. Logic diagram
1. IRQ is an open-drain output
2. FOUT is a CMOS output
Figure 2. Pinout
Note:
Be sure to connect a 0.1 μF to 1 μF bypass capacitor between VCC and VSS.
Table 2. Pin description
Pin
Name
Description
1
NC
No connect. The NC pin can be connected to VCC, GND or left floating.
2
SCL
Serial clock input
3
FOUT
Programmable frequency output (CMOS). The FOUT pin is Hi-Z if FOE is low.
4
NF
No function. The NF pin can be connected to VCC, GND or left floating.
5
DU
Do not use externally. The DU pin must be left floating.
6VCC
Power supply
7
FOE
Frequency output enable, controls the frequency output on FOUT pin
8
NC
No connect. The NC pin can be connected to VCC, GND or left floating.
9
NF
No function. The NF pin can be connected to VCC, GND or left floating.
10
IRQ
Interrupt output (open drain)
11
VSS
Ground supply
12
NF
No function. The NF pin can be connected to VCC, GND or left floating.
13
SDA
Serial data input/output
14
NC
No connect. The NC pin can be connected to VCC, GND or left floating.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com