Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 12Page - STMicroelectronics M41TC8025 Datasheet HTML 13Page - STMicroelectronics M41TC8025 Datasheet HTML 14Page - STMicroelectronics M41TC8025 Datasheet HTML 15Page - STMicroelectronics M41TC8025 Datasheet HTML 16Page - STMicroelectronics M41TC8025 Datasheet HTML 17Page - STMicroelectronics M41TC8025 Datasheet HTML 18Page - STMicroelectronics M41TC8025 Datasheet HTML 19Page - STMicroelectronics M41TC8025 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Operation
M41TC8025
16/41
DocID022873 Rev 4
Note:
Do not write more than one bit of "1" in the Day-of-week register.
Note:
Writing invalid day-of-week data may interfere with normal operation of the calendar.
The data in the date (day of month), month and year registers are in BCD format. For
example, the date register value "0011 0001" indicates 31st.
The date counter counts from "01" to "02", "03" and up to "31" and rolls over to "01" after
that. The maximum date value varies according to the value in the month register which is
show in Table 8.
Note:
Leap year is whenever the year value is a multiple of four (such as 04, 08, 12…88, 92, or
96). Year 00 is not considered to be a leap year.
The month counter counts from "01" to "02", "03" and up to "12" and it rolls over to "01" after
that. It represents: January, February… and December.
The year counter counts from "00" to "01", "02" and up to "99" and it rolls over to "00" after
that. It may represent: year 2000, 2001… and 2099. Any year that is a multiple of four (04,
08, 12… 88, 92, 96, etc.) is automatically handled as a leap year. Year 00 is not considered
to be a leap year.
2.4.3
Clock reset function
Table 7. Data for day-of-week
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Data [h]
Day-of-week
0
0
0
0
0
0
0
1
01h
Sunday
0
0
0
0
0
0
1
0
02h
Monday
0
0
0
0
0
1
0
0
04h
Tuesday
0
0
0
0
1
0
0
0
08h
Wednesday
0
0
0
1
0
0
0
0
10h
Thursday
0
0
1
0
0
0
0
0
20h
Friday
0
1
0
0
0
0
0
0
40h
Saturday
Table 8. Data for date (day of month) register
Month value
Data for date (day of month) register
1, 3, 5, 7, 8, 10 or 12
01
02…310102…
4, 6, 9 or 11
01
02…300102…
February in normal year
01
02…280102…
February in leap year
01
02…290102…
Table 9. Reset bit in control register 0Fh
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Fh
Control register CSEL1 CSEL0
UIE
TIE
AIE
0
0
RESET
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com