Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 9Page - STMicroelectronics M41TC8025 Datasheet HTML 10Page - STMicroelectronics M41TC8025 Datasheet HTML 11Page - STMicroelectronics M41TC8025 Datasheet HTML 12Page - STMicroelectronics M41TC8025 Datasheet HTML 13Page - STMicroelectronics M41TC8025 Datasheet HTML 14Page - STMicroelectronics M41TC8025 Datasheet HTML 15Page - STMicroelectronics M41TC8025 Datasheet HTML 16Page - STMicroelectronics M41TC8025 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DocID022873 Rev 4
13/41
M41TC8025
Operation
Figure 9. WRITE mode sequence
2.2.8
I2C timeout function
The M41TC8025 device incorporates a timeout function for the I2C bus. When
communicating with the M41TC8025 device, the series of operations from transmitting the
START condition to transmitting the STOP condition should be kept within 0.95 seconds.
If the series of operations require more than 0.95 seconds, the I2C bus interface will be
automatically reset to standby mode by this timeout function.
If timeout happens during a data byte transfer, the data byte being transferred (read or write)
will not complete successfully. Data written into the device will not be acknowledged and the
address pointer remains unchanged. If a read is in progress, the data bits after timeout will
be read as 1 and the address pointer will remain unchanged.
2.3
Register description
The register map within the M41TC8025 and the default values after initial power-up are
given in Table 4 on page 14.
Register 00h to 06h are used for the clock and calendar. Refer to Section 2.4: Clock and
calendar on page 15 for the detailed function and setting of the registers.
Register 07h is a RAM byte for the user.
Register 08h to 0Ah are alarm registers for the alarm interrupt. Refer to Section 2.8: Alarm
interrupt function on page 25 for the detailed function and setting of the registers.
Register 0Bh to 0Ch are timer registers for the fixed-cycle interrupt timer target value
setting. Refer to Section 2.6: Fixed-cycle timer interrupt on page 18 for the detailed function
and setting of the registers.
Register 0Dh to 0Fh are status and control registers. The detailed function of each bit is
described in each of the function sections.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com