Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 18Page - STMicroelectronics M41TC8025 Datasheet HTML 19Page - STMicroelectronics M41TC8025 Datasheet HTML 20Page - STMicroelectronics M41TC8025 Datasheet HTML 21Page - STMicroelectronics M41TC8025 Datasheet HTML 22Page - STMicroelectronics M41TC8025 Datasheet HTML 23Page - STMicroelectronics M41TC8025 Datasheet HTML 24Page - STMicroelectronics M41TC8025 Datasheet HTML 25Page - STMicroelectronics M41TC8025 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Operation
M41TC8025
22/41
DocID022873 Rev 4
Figure 13. Fixed-cycle timer interrupt timing sequence
1. When the TE bit is set to 1, the fixed-cycle internal timer starts incrementing from 000h towards the target
value set in register 0Bh and 0Ch.
2. When the internal timer value reaches the target value, an interrupt event occurs. After the interrupt event,
the internal timer automatically counts starting from 000h towards the target value again.
3. When a fixed-cycle timer interrupt event occurs, the TF bit is set to 1.
4. Once the TF bit is set to 1, it remains until it is reset to 0 by the user.
5. If TIE=1 when a fixed-cycle timer interrupt occurs, the IRQ pin output is driven low. If TIE=0 when a fixed-
cycle timer interrupt event occurs, the IRQ pin output remains Hi-Z.
6. Output from the IRQ pin remains low during the tRTN period following each event, after which it is
automatically released to Hi-Z. The IRQ pin is again driven low when the next interrupt occurs.
7. When the TE bit is reset to 0, the fixed-cycle timer function is stopped and the IRQ pin is released to Hi-Z
immediately.
8. If the IRQ pin is low, the IRQ pin status is released to Hi-Z immediately when the TF bit value changes from
1 to 0.
9. If the IRQ pin is low, the IRQ pin status is released to Hi-Z immediately when the TIE bit value changes
from 1 to 0.
2.7
Time update interrupt function
The time update interrupt function generates periodic interrupts at one-second or one-
minute intervals according to the timing of the internal clock.
When a time update is generated, the IRQ pin will be pulled low if enabled (bit UIE=1) and
the flag bit (UF) will be set to 1 to indicate the time update occurrence. After the IRQ pin is
pulled low, it will be automatically released (change to Hi-Z) after time tRTN so that periodic
interrupts can be generated even if the user does not clear the flag bit.
The time update interrupt function related registers are given in Table 17.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com