Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL-01SE Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPL-01SE
Description  Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-01SE Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPL-01SE Datasheet HTML 1Page - MicroPower Direct, LLC MPL-01SE Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Function
Pin
Function
1
AC-Neutral
7
-VCAP
3
AC-Line
10
-VOUT
5+VCAP
12
+VOUT
Pin Connections
Model
Number
Input
Output
Output
Voltage
Accuracy
(%)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
(mA Max.)
115 VAC 230 VAC
MPL-01S-05E
0.120
0.060
5.0
200
±5.0
66
MPL-01S-09E
0.120
0.060
9.0
111
±3.0
67
MPL-01S-12E
0.120
0.060
12.0
83.3
±3.0
70
MPL-01S-15E
0.120
0.060
15.0
66.6
±5.0
69
MPL-01S-24E
0.120
0.060
24.0
41.6
±5.0
68
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
1. It is recommended that an external fuse and NTC be used. The recommended
fuse is a 1.0A/250V slow blow and for the NTC, a 5D-9.
2. An external MOV is recommended on the input to protect the unit in the event of
a surge. A 561KD14 or equivalent is recommended.
3. The filter capacitor C1 is required for EMC performance over the full input range.
The recommended value is 10 to 22 µF/400V.
4. Recommended output filtering capacitors are:
C2
C3
TVS
MPL-01S-05E
1.0 µF/50V
470 µF/35V
SMBJ7.0A
MPL-01S-09E
1.0 µF/50V
150 µF/35V
SMBJ12A
MPL-01S-12E
1.0 µF/50V
150 µF/35V
SMBJ20A
MPL-01S-15E
1.0 µF/50V
150 µF/35V
SMBJ20A
MPL-01S-24E
1.0 µF/50V
100 µF/35V
SMBJ30A
The output filtering capacitor (C3) is a high frequency, low resistance electrolytic
capacitor.Capacitor (C2) is ceramic.Voltage derating of capacitors should be 80%
or above.
5. Input noise and surge suppression modules are available for a number of MPD
AC/DC power supplies.An MPL-01SE connection with theACFM-01 is illustrated
in the diagram at left. For pricing or full technical information on these modules
(ACFM-01 and ACFM-02) please contact the factory.
Notes:
1. For the 5V output model, accuracy is ±10% over the -40°C to +85°C temperature range.
2. Operation at no load will not damage the units, however, they may not meet all specifications.
3. All units are rated for EN 55022 (CE/RE) class A without external components. They will meet class B with
the addition of the ACFM-01 (or a similar discrete filter circuit). Contact the factory for more information.
4. To meet the requirements of EN 61000-4-3, (10V/m) external components are needed.This can be done
discretely, or with the addition of the ACFM-01. Contact the factory for more information.
5. To meet the requirements of EN 61000-4-4 (±4 kV), external components are needed.This can be done
discretely, or with the addition of the ACFM-01. Contact the factory for more information.
6. To meet the requirements of EN 61000-4-5 (±4 kV/±4 kV), external components are needed. This can be
done discretely, or with the addition of the ACFM-01. Contact the factory for more information.
7. To meet the requirements of EN 61000-4-6 (3V rms), external components are needed.This can be done
discretely, or with the addition of the ACFM-01. Contact the factory for more information.
8. It is recommended that a fuse be used on the input of a power supply for protection. For the
MPL-01SE series, a 1.0A/250 VAC slow blow should be used.
Input Voltage Vs Load
The diagram below illustrates a typical application connection of the MPL-01SE series. Notes on this circuit (starting with the input circuit) are:
Typical Board Layout: With ACFM-01 Input Module (See note 5)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com