Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL-01SE Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPL-01SE
Description  Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-01SE Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPL-01SE Datasheet HTML 1Page - MicroPower Direct, LLC MPL-01SE Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
100
400
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
10.0
A Pk
230 VAC
20.0
Standby Power
0.3
W
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy, See Note 1
See Model Selection Guide
Line Regulation
VIN = Min to Max
±1.5
%
Load Regulation
IOUT = 5% to 100%
±2.5
%
Ripple & Noise (20 MHz)
5V, 24V Models
100
150
mV P-P
9V, 12V, 15V Models
80
120
Hold-Up Time
230 VAC
50
mSec
Temperature Coefficient
±0.01
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Temperature Protection
150
°C
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Switching Frequency
50
kHz
EMI Characteristics
Parameter
Standard
Min.
Typ.
Max.
Units
Radiated Emissions
See Note 3
EN 55022
Class A
Conducted Emissions
See Note 3
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±4 kV Contact
RS
See Note 4
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 5
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 6
EN 61000-4-5
Criteria B; ±1 kV /±2 kV
CS
See Note 7
EN 61000-4-6
Criteria A; 3 Vrms
PFMF
EN 61000-4-8
Criteria A; 10A/m
Voltage Dips
EN 61000-4-11
Criteria B; 0% - 70%
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+90
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
85
%
Physical
Case Size
1.38 x 0.43 x 0.94 Inches (35.0 x 11.0 x 24.0 mm)
Case Material
Non-Conductive Epoxy (UL94-V0)
Weight
0.35 Oz (10g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
EN 60950
Safety Class
IEC 61140 Class II
Single Output, 1W
Ultra-Miniature SIP
AC/DC Power Supplies
Key Features:
1W Output Power
Universal 85-264 VAC Input
EN 60950 Approved (UL)
Meets IEC Safety Class II
Single Regulated Output
Meets EN 55022 Class A
>300 kHour MTBF
Ultra-Miniature “SIP” Case
MPL-01SE Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPL-01SE

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-01SEUP MPD-MPL-01SEUP Datasheet
1Mb / 4P
1W Output Power
More results

Similar Description - MPL-01SE

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MBU100 MINMAX-MBU100 Datasheet
227Kb / 6P
1W, Ultra Miniature SIP, Single Output DC/DC Converter
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
Ultra-Miniature, 1W Single Output SMT DC/DC Converters
MPM-03 MPD-MPM-03 Datasheet
189Kb / 2P
Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MPL-03SE MPD-MPL-03SE Datasheet
396Kb / 2P
Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
MPM-01V MPD-MPM-01V Datasheet
295Kb / 2P
Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPS-03 MPD-MPS-03 Datasheet
284Kb / 2P
Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com