Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555N Datasheet(PDF) 10 Page - STMicroelectronics

Part # NE555N
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button NE555N Datasheet HTML 6Page - STMicroelectronics NE555N Datasheet HTML 7Page - STMicroelectronics NE555N Datasheet HTML 8Page - STMicroelectronics NE555N Datasheet HTML 9Page - STMicroelectronics NE555N Datasheet HTML 10Page - STMicroelectronics NE555N Datasheet HTML 11Page - STMicroelectronics NE555N Datasheet HTML 12Page - STMicroelectronics NE555N Datasheet HTML 13Page - STMicroelectronics NE555N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Application information
NE555 - SA555 - SE555
10/20
Doc ID 2182 Rev 6
Figure 15.
Typical schematics in astable operation
Figure 16 shows the actual waveforms generated in this mode of operation.
The charge time (output HIGH) is given by:
t1 = 0.693 (R1 + R2) C1
and the discharge time (output LOW) by:
t2 = 0.693 (R2) C1
Thus the total period T is given by:
T = t1 + t2 = 0.693 (R1 + 2R2) C1
The frequency of oscillation is then:
It can easily be found from Figure 17.
The duty cycle is given by:
Output
3
4
8
7
5
1
R1
C1
2
6
R2
Control
Voltage
NE555
V
CC = 5 to 15V
0.01
μF
f =
1
T
---
1.44
R1
2R2
+
()C1
---------------------------------------
=
t1
t1
t2
+
()
---------------------
R1
R2
+
()
R1
2
R2
•
+
()
------------------------------------
1
R2
R1
R2
+
()
---------------------------
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com