Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555N Datasheet(PDF) 12 Page - STMicroelectronics

Part # NE555N
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button NE555N Datasheet HTML 8Page - STMicroelectronics NE555N Datasheet HTML 9Page - STMicroelectronics NE555N Datasheet HTML 10Page - STMicroelectronics NE555N Datasheet HTML 11Page - STMicroelectronics NE555N Datasheet HTML 12Page - STMicroelectronics NE555N Datasheet HTML 13Page - STMicroelectronics NE555N Datasheet HTML 14Page - STMicroelectronics NE555N Datasheet HTML 15Page - STMicroelectronics NE555N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application information
NE555 - SA555 - SE555
12/20
Doc ID 2182 Rev 6
4.3
Pulse width modulator
When the timer is connected in the monostable mode and triggered with a continuous pulse
train, the output pulse width can be modulated by a signal applied to pin 5. Figure 18 shows
the circuit.
Figure 18.
Pulse width modulator
4.4
Linear ramp
When the pull-up resistor, RA, in the monostable circuit is replaced by a constant current
source, a linear ramp is generated. Figure 19 shows a circuit configuration that will perform
this function.
Figure 19.
Linear ramp
Trigger
Output
R
C
NE555
2
4
3
1
5
6
7
Modulation
Input
8
A
VCC
Trigger
Output
C
NE555
2
4
3
1
5
6
7
8
E
VCC
0.01
μF
R2
R1
R
2N4250
or equiv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com