Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L5 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC56AP54L5
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC56AP54L5 Datasheet HTML 13Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 14Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 15Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 16Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 17Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 18Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 19Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 20Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
SPC56xP54x, SPC56xP60x
Introduction
Doc ID 18340 Rev 3
17/104
The FMPLL has the following major features:
●
Input clock frequency from 4 MHz to 40 MHz
●
Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz
●
Reduced frequency divider (RFD) for reduced frequency operation without forcing the
PLL to relock
●
Modulation enabled/disabled through software
●
Triangle wave modulation
●
Programmable modulation depth (±0.25% to ±4% deviation from center frequency)
–
Programmable modulation frequency dependent on reference frequency
●
Self-clocked mode (SCM) operation
1.5.9
Main oscillator
The main oscillator provides these features:
●
Input frequency range 4 MHz to 40 MHz
●
Crystal input mode or Oscillator input mode
●
PLL reference
1.5.10
Internal RC oscillator
This device has an RC ladder phase-shift oscillator. The architecture uses constant current
charging of a capacitor. The voltage at the capacitor is compared by the stable bandgap
reference voltage.
The RC Oscillator provides these features:
●
Nominal frequency 16 MHz
●
±6% variation over voltage and temperature after process trim
●
Clock output of the RC oscillator serves as system clock source in case loss of lock or
loss of clock is detected by the PLL
●
RC oscillator is used as the default system clock during startup
1.5.11
Periodic interrupt timer (PIT)
The PIT module implements these features:
●
Up to four general purpose interrupt timers
●
32-bit counter resolution
●
Clocked by system clock frequency
●
Each channel can be used as trigger for a DMA request
1.5.12
System timer module (STM)
The STM module implements these features:
●
32-bit up counter with 8-bit prescaler
●
Four 32-bit compare channels
●
Independent interrupt source for each channel
●
Counter can be stopped in debug mode
The STM module is replicated for each processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com