Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L5 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPC56AP54L5
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L5 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPC56AP54L5 Datasheet HTML 29Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 30Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 31Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 32Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 33Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 34Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 35Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 36Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
SPC56xP54x, SPC56xP60x
Package pinouts and signal descriptions
Doc ID 18340 Rev 3
33/104
2.2.3
Pin muxing
Table 7 defines the pin list and muxing for the SPC56xP54/60 devices relative to Full-
featured version.
Each row of Table 7 shows all the possible ways of configuring each pin, via “alternate
functions”. The default function assigned to each pin after reset is the ALT0 function.
Pins marked as external interrupt capable can also be used to resume from STOP and
HALT mode.
SPC56xP54/60 devices provide four main I/O pad types depending on the associated
functions:
●
Slow pads are the most common, providing a compromise between transition time and
low electromagnetic emission.
●
Medium pads provide fast enough transition for serial communication channels with
controlled current to reduce electromagnetic emission.
●
Fast pads provide maximum speed. They are used for improved NEXUS debugging
capability.
●
Symmetric pads are designed to meet FlexRay requirements.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at
the cost of reducing AC performance.
Table 7.
Pin muxing(1)
Port
pin
PCR
register
Alternate
function
(2),(3)
Functions
Peripheral
(4)
I/O
direction
(5)
Pad speed(6)
Pin
SRC = 0 SRC = 1
LQFP
100
LQFP
144
LQFP
176(7)
Port A
A[0]
PCR[0]
ALT0
ALT1
ALT2
ALT3
—
GPIO[0]
ETC[0]
SCK_2
F[0]
EIRQ[0]
SIUL
eTimer_0
DSPI_2
FCCU
SIUL
I/O
I/O
I/O
O
I
Slow
Medium
51
73
89
A[1]
PCR[1]
ALT0
ALT1
ALT2
ALT3
—
GPIO[1]
ETC[1]
SOUT_2
F[1]
EIRQ[1]
SIUL
eTimer_0
DSPI_2
FCCU
SIUL
I/O
I/O
O
O
I
Slow
Medium
52
74
90
A[2](8)
PCR[2]
ALT0
ALT1
ALT2
ALT3
—
—
—
GPIO[2]
ETC[2]
CS3
—
SIN_2
ABS[0]
EIRQ[2]
SIUL
eTimer_0
DSPI_4
—
DSPI_2
MC_RGM
SIUL
I/O
I/O
O
—
I
I
I
Slow
Medium
57
84
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com