Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P60L3 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC560P60L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60L3 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC560P60L3 Datasheet HTML 64Page - STMicroelectronics SPC560P60L3 Datasheet HTML 65Page - STMicroelectronics SPC560P60L3 Datasheet HTML 66Page - STMicroelectronics SPC560P60L3 Datasheet HTML 67Page - STMicroelectronics SPC560P60L3 Datasheet HTML 68Page - STMicroelectronics SPC560P60L3 Datasheet HTML 69Page - STMicroelectronics SPC560P60L3 Datasheet HTML 70Page - STMicroelectronics SPC560P60L3 Datasheet HTML 71Page - STMicroelectronics SPC560P60L3 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
68/104
Doc ID 18340 Rev 3
IPD
P Equivalent pull-down current
VIN =VIL
10
µA
VIN =VIH
130
IIL
P
Input leakage current
(all bidirectional ports)
TA = –40 to 125 °C
1
µA
IIL
P
Input leakage current
(all ADC input-only ports)
TA = –40 to 125 °C
0.5
µA
CIN
D Input capacitance
10
pF
IPU
D RESET, equivalent pull-up current
VIN =VIL
–130
µA
VIN =VIH
–10
IPD
D
RESET, equivalent pull-down
current
VIN =VIL
10
µA
VIN =VIH
130
1.
These specifications are design targets and subject to change per device characterization.
2.
“SR” parameter values must not exceed the absolute maximum ratings shown in Table 9.
Table 22.
DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V]=1)(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com