Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P60L3 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC560P60L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60L3 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC560P60L3 Datasheet HTML 82Page - STMicroelectronics SPC560P60L3 Datasheet HTML 83Page - STMicroelectronics SPC560P60L3 Datasheet HTML 84Page - STMicroelectronics SPC560P60L3 Datasheet HTML 85Page - STMicroelectronics SPC560P60L3 Datasheet HTML 86Page - STMicroelectronics SPC560P60L3 Datasheet HTML 87Page - STMicroelectronics SPC560P60L3 Datasheet HTML 88Page - STMicroelectronics SPC560P60L3 Datasheet HTML 89Page - STMicroelectronics SPC560P60L3 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
86/104
Doc ID 18340 Rev 3
3.18.2
IEEE 1149.1 interface timing
Figure 22. JTAG test clock input timing
Table 38.
JTAG pin AC electrical characteristics
No.
Symbol
C
Parameter
Conditions Min Max Unit
1tJCYC
CC D TCK cycle time
100
ns
2tJDC
CC D TCK clock pulse width (measured at VDD_HV_IOx/2)
40
60
ns
3tTCKRISE
CC D TCK rise and fall times (40% – 70%)
3
ns
4tTMSS, tTDIS CC D TMS, TDI data setup time
5
ns
5tTMSH, tTDIH CC D TMS, TDI data hold time
25
ns
6tTDOV
CC D TCK low to TDO data valid
40
ns
7tTDOI
CC D TCK low to TDO data invalid
0
ns
8tTDOHZ
CC D TCK low to TDO high impedance
40
ns
9tBSDV
CC D TCK falling edge to output valid
50
ns
10
tBSDVZ
CC D TCK falling edge to output valid out of high impedance
50
ns
11
tBSDHZ
CC D TCK falling edge to output high impedance
50
ns
12
tBSDST
CC D Boundary scan input valid to TCK rising edge
50
ns
13
tBSDHT
CC D TCK rising edge to boundary scan input invalid
50
ns
TCK
1
2
2
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com