Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC64L8 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPC56EC64L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC64L8 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPC56EC64L8 Datasheet HTML 62Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 63Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 64Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 65Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 66Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 67Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 68Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 69Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 118 page
background image
Electrical Characteristics
SPC564Bxx - SPC56ECxx
66/118
Doc ID 17478 Rev 4
4.8.3
Voltage monitor electrical characteristics
The device implements a Power-on Reset module to ensure correct power-up initialization,
as well as four low voltage detectors to monitor the VDD_HV_A and the VDD_LV voltage while
device is supplied:
●
POR monitors VDD_HV_A during the power-up phase to ensure device is maintained in
a safe reset state
●
LVDHV3 monitors VDD_HV_A to ensure device is reset below minimum functional supply
●
LVDHV5 monitors VDD_HV_A when application uses device in the 5.0 V±10% range
●
LVDLVCOR monitors power domain No. 1 (PD1)
●
LVDLVBKP monitors power domain No. 0 (PD0). VDD_LV is same as PD0 supply.
Note:
When enabled, PD2 (RAM retention) is monitored through LVD_DIGBKP.
IMREGINT
CC D
Main regulator module current
consumption
IMREG = 200 mA
—
—
2
mA
IMREG = 0 mA
—
—
1
VLPREG
CC P Low power regulator output voltage
After trimming
—
1.23
—
V
ILPREG
SR —
Low power regulator current
provided to VDD_LV domain
—
——
50
mA
ILPREGINT
CC
D
Low power regulator module current
consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
μA
—
ILPREG = 0 mA;
TA = 55 °C
—20—
IVREGREF
CC D
Main LVDs and reference current
consumption (low power and main
regulator switched off)
TA = 55 °C
—
2
—
μA
IVREDLVD12 CC D
Main LVD current consumption
(switch-off during standby)
TA = 55 °C
—
1
—
μA
IDD_HV_A
CC D
In-rush current on VDD_HV_A
(3)
during power-up
—
—
—
600(4)
mA
1.
VDD_HV_A = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2.
All values need to be confirmed during device validation.
3.
Assumption is VDD_HV_A is now supplying the external ballast. This current is the ballast inrush current.
4.
Inrush current is seen more like steps of 600 mA peak. The startup of the regulator happens in steps of 50 mV in ~25 steps
to reach ~1.2 V VDD_LV. Each step peak current is within 600 mA
Table 23.
Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com