Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC64L8 Datasheet(PDF) 78 Page - STMicroelectronics

Part # SPC56EC64L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC64L8 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button SPC56EC64L8 Datasheet HTML 74Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 75Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 76Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 77Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 78Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 79Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 80Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 81Page - STMicroelectronics SPC56EC64L8 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
Electrical Characteristics
SPC564Bxx - SPC56ECxx
78/118
Doc ID 17478 Rev 4
Figure 14. Slow external crystal oscillator (32 kHz) electrical characteristics
Rm
(3)
Motional resistance
AC coupled @ C0 = 2.85
pF(4)
——
65
kW
AC coupled @ C0 = 4.9 pF(4)
——
50
AC coupled @ C0 = 7.0 pF(4)
——
35
AC coupled @ C0 = 9.0 pF(4)
——
30
1.
The crystal used is Epson Toyocom MC306.
2.
This is the recommended range of load capacitance at OSC32K_XTAL and OSC32K_EXTAL with respect to ground. It
includes all the parasitics due to board traces, crystal and package.
3.
Maximum ESR (Rm) of the crystal is 50 kΩ.
4.
C0 Includes a parasitic capacitance of 2.0 pF between OSC32K_XTAL and OSC32K_EXTAL pins.
Table 37.
Crystal motional characteristics(1) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
OSCON bit (OSC_CTL register)
TLPXOSC32KSU
1
VOSC32K_XTAL
VLPXOSC32K
valid internal clock
90%
10%
1/fLPXOSC32K
0
Table 38.
Slow external crystal oscillator (32 kHz) electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
fSXOSC
SR —
Slow external crystal oscillator
frequency
—
32
32.768
40
kHz
gmSXOSC
CC —
Slow external crystal oscillator
transconductance
VDD = 3.3 V ± 10%,
17.45
—
28.23
µA/V
VDD = 5.0 V ± 10%
17.79
—
29.91
VSXOSC
CC T Oscillation amplitude
—
1.2
1.4
1.7
V
ISXOSCBIAS CC T Oscillation bias current
—
1.2
—
4.4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com