Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC74L8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56EC74L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74L8 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56EC74L8 Datasheet HTML 1Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 2Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 3Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 4Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 5Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 6Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 7Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 8Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
Target specification
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
December 2011
Doc ID 17478 Rev 4
1/118
1
SPC564Bxx
SPC56ECxx
32-bit MCU family built on the Power Architecture® for automotive
body electronics applications
Features
■ e200z4d, 32-bit Power Architecture®
– up to 120 MHz and 200 MIPs operation
■ e200z0h, 32-bit Power Architecture
– up to 80 MHz and 75 MIPs operation
■ Memory
– Up to 3 MByte on-chip Flash with ECC
– Up to 256 KByte on-chip SRAM with ECC
– 64KByte on-chip Data Flash with ECC
– 16-entry memory protection unit (MPU)
– User selectable Memory BIST
■ Interrupts
– 255 interrupt sources with 16 priority levels
– Up to 54 ext. IRQ including 30 wake-up
■ GPIOs: from 147 (QFP176) to 199 (BGA256)
■ System timer units
– 8-ch. 32-bit periodic interrupt timer (PIT)
– 4-channel 32-bit system timer (STM)
– Safety System Watchdog Timer (SWT)
– Real-time clock timer (RTC/API)
■ eMIOS, 16-bit counter timed I/O units
– Up to 64 channels with PWM/MC/IC/OC
■ Two ADC (10-bit and 12-bit)
–Up to 62 channels extendable to 90 ch.
– Multiple Analog Watchdog
■ Dedicated diagnostic features for lighting
– Advanced shiffted PWM generation
– ADC conversion synchronized on PWM
■ Communication interfaces
– Up to 6 FlexCAN with 64 buffers each
– Up to 10 LINFlex/UART channels
– Up to 8 buffered DSPI channels
–I2C interface
– One FleyRay (dual-ch.) with 128 buffers
– Fast Ethernet Controller
■ Cryptographic Services Engine (CSE)
– AES-128 en/decryption, CMAC auth.
– Secured device boot mode
■ 32-ch. eDMA with multiple request sources
■ Clock generation
– 4 to 40 MHz main oscillator
– 16 MHz internal RC oscillator
– Software-controlled FMPLL
– 128 kHz internal RC oscillator
– 32 kHz auxiliary oscillator
– Clock Monitoring Unit (CMU)
■ Low power capabilities
– Ultra low power STANDBY
– CAN Sampler to store CAN ID in STBY
– Fast wake-up and exectute from RAM
■ Exhaustive debugging capability
– Nexus 3+ interface on LBGA256 only
– Nexus 1 on all devices
■ Voltage supply
– Single 5 V or 3.3 V supply
– On-chip Vreg with external ballast transitor
■ Operating temperature range -40 to 125 °C
Table 1.
Device summary
Package
Part number
1.5 MByte
2 MByte
3 MByte
LQFP176
SPC564B64L7
SPC56EC64L7
SPC564B70L7
SPC56EC70L7
SPC564B74L7
SPC56EC74L7
LQFP208
SPC564B64L8
SPC56EC64L8
SPC564B70L8
SPC56EC70L8
SPC564B74L8
SPC56EC74L8
BGA256
SPC56EC64B3
SPC56EC70B3
SPC56EC74B3
www.st.com


Similar Part No. - SPC56EC74L8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56ECxx STMICROELECTRONICS-SPC56ECxx Datasheet
2Mb / 123P
Up to 80 MHz and 75 MIPs operation
11-Mar-2016
More results

Similar Description - SPC56EC74L8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
12-Sep-2011
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com