Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC70B3 Datasheet(PDF) 87 Page - STMicroelectronics

Part # SPC56EC70B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 83Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 84Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 85Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 86Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 87Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 88Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 89Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 90Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
87/118
ADC electrical characteristics
Table 42.
ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC
C
Input leakage current
TA = −40 °C
No current injection on adjacent pin
—1—
nA
CTA = 25 °C
—
1
—
CTA = 105 °C
—
8
200
PTA = 125 °C
—
45
400
Table 43.
ADC conversion characteristics (10-bit ADC_0)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VSS_ADC0 SR —
Voltage on
VSS_HV_ADC0
(ADC_0 reference)
pin with respect to
ground (VSS_HV)
(2)
—
−0.1
—
0.1
V
VDD_ADC0 SR —
Voltage on
VDD_HV_ADC0 pin
(ADC_0 reference)
with respect to
ground (VSS_HV)
—VDD_HV_A − 0.1
—
VDD_HV_A +0.1 V
VAINx
SR —
Analog input
voltage(3)
—VSS_ADC0 − 0.1
—
VDD_ADC0 +0.1 V
fADC0
SR —
ADC_0 analog
frequency
—
6
—
32 + 2%
MHz
tADC0_PU SR —
ADC_0 power up
delay
——
—
1.5
µs
tADC0_S CC T Sample time
(4)
fADC = 32 MHz
500
—
ns
tADC0_C CC P Conversion time
(5),(6)
fADC = 32 MHz
0.625
—
µs
fADC = 30 MHz
0.700
—
CS
CC
D
ADC_0 input
sampling
capacitance
——
—
3
pF
CP1
CC
D
ADC_0 input pin
capacitance 1
——
—
3
pF
CP2
CC
D
ADC_0 input pin
capacitance 2
——
—
1
pF
CP3
CC
D
ADC_0 input pin
capacitance 3
——
—
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com