Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC70B3 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC56EC70B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 47Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 48Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 49Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 50Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 51Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 52Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 53Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 54Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
51/118
4.4
Recommended operating conditions
Table 10.
Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS_HV
SR Digital ground on VSS_HV pins
—
0
0
V
VDD_HV_A
(1)
SR
Voltage on VDD_HV_A pins with
respect to ground (VSS_HV)
—3.0
3.6
V
VDD_HV_B
(1)
SR
Voltage on VDD_HV_B pins with
respect to ground (VSS_HV)
—3.0
3.6
V
VSS_LV
(2)
SR
Voltage on VSS_LV (low
voltage digital supply) pins with
respect to ground (VSS_HV)
—VSS_HV − 0.1
VSS_HV +0.1
V
VRC_CTRL
(3)
Base control voltage for
external BCP68 NPN device
Relative to VDD_LV
0VDD_LV +1
V
VSS_ADC
SR
Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC
reference) pin with respect to
ground (VSS_HV)
—VSS_HV − 0.1
VSS_HV +0.1
V
VDD_HV_ADC0
(4)
SR
Voltage on VDD_HV_ADC0
with respect to ground
(VSS_HV)
—3.0(5)
3.6
V
Relative to
VDD_HV_A
(6)
VDD_HV_A − 0.1
VDD_HV_A + 0.1
VDD_HV_ADC1
(7)
SR
Voltage on VDD_HV_ADC1
with respect to ground
(VSS_HV)
—3.0
3.6
V
Relative to
VDD_HV_A
(6)
VDD_HV_A − 0.1
VDD_HV_A +0.1
VIN
SR
Voltage on any GPIO pin with
respect to ground (VSS_HV)
—VSS_HV − 0.1
—
V
Relative to
VDD_HV_A/HV_B
—
VDD_HV_A/HV_B
+0.1
IINJPAD
SR
Injected input current on any
pin during overload condition
—
−55
mA
IINJSUM
SR
Absolute sum of all injected
input currents during overload
condition
—
−50
50
TVDD
SR
VDD_HV_A slope to ensure
correct power up(8)
——
0.5
V/µs
—
0.5
—
V/min
TA
SR
Ambient temperature under
bias
fCPU up to
120 MHz
+ 2%
–40
125
°C
TJ
SR
Junction temperature under
bias
—
−40
150
1.
100 nF EMI capacitance and 10 µF bulk capacitance need to be provided between each VDD/VSS_HV pair.
2.
100 nF EMI capacitance and 10 µF bulk capacitance need to be provided between each of the four VDD_LV/VSS_LV supply
pairs. For details refer to the Power Management chapter of the SPC564Bxx and SPC56ECxx Reference Manual.
3.
This voltage is internally generated by the device and no external voltage should be supplied.
4.
100 nF capacitance needs to be provided between VDD_ADC/VSS_ADC pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com