Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC70B3 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC56EC70B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 104Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 105Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 106Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 107Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 108Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 109Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 110Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 111Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 118 page
background image
Package characteristics
SPC564Bxx - SPC56ECxx
108/118
Doc ID 17478 Rev 4
Table 53.
LQFP176 mechanical data(1)
Symbol
mm
inches(2)
Min
Typ
Max
Min
Typ
Max
A
1.400
1.600
0.063
A1
0.050
0.150
0.002
A2
1.350
1.450
0.053
0.057
b
0.170
0.270
0.007
0.011
C
0.090
0.200
0.004
0.008
D
23.900
24.100
0.941
0.949
E
23.900
24.100
0.941
0.949
e
0.500
0.020
HD
25.900
26.100
1.020
1.028
HE
25.900
26.100
1.020
1.028
L(3)
0.450
0.750
0.018
0.030
L1
1.000
0.039
ZD
1.250
0.049
ZE
1.250
0.049
q0 °
7 °
0 °
7 °
Tolerance
mm
inches
ccc
0.080
0.0031
1.
Controlling dimension: millimeter
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
3.
L dimension is measured at gauge plane at 0.25 mm above the seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com