Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 109Page - STMicroelectronics ST10F280_12 Datasheet HTML 110Page - STMicroelectronics ST10F280_12 Datasheet HTML 111Page - STMicroelectronics ST10F280_12 Datasheet HTML 112Page - STMicroelectronics ST10F280_12 Datasheet HTML 113Page - STMicroelectronics ST10F280_12 Datasheet HTML 114Page - STMicroelectronics ST10F280_12 Datasheet HTML 115Page - STMicroelectronics ST10F280_12 Datasheet HTML 116Page - STMicroelectronics ST10F280_12 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
113/239
Figure 35.
Port 3 I/O and alternate functions
The port structure of the Port 3 pins depends on their alternate function (see Figure 36).
When the on-chip peripheral associated with a Port 3 pin is configured to use the alternate
input function, it reads the input latch, which represents the state of the pin, via the line
labeled “Alternate Data Input”. Port 3 pins with alternate input functions are:
T0IN, T2IN, T3IN, T4IN, T3EUD and CAPIN.
When the on-chip peripheral associated with a Port 3 pin is configured to use the alternate
output function, its “Alternate Data Output” line is ANDed with the port output latch line.
When using these alternate functions, the user must set the direction of the port line to
output (DP3.y=1) and must set the port output latch (P3.y=1). Otherwise the pin is in its
high-impedance state (when configured as input) or the pin is stuck at '0' (when the port
output latch is cleared).
When the alternate output functions are not used, the “Alternate Data Output” line is in its
inactive state, which is a high level ('1'). Port 3 pins with alternate output functions are:
T6OUT, T3OUT, TxD0 and CLKOUT.
When the on-chip peripheral associated with a Port 3 pin is configured to use both the
alternate input and output function, the descriptions above apply to the respective current
operating mode. The direction must be set accordingly. Port 3 pins with alternate
input/output functions are: MTSR, MRST, RxD0 and SCLK.
Note:
Enabling the CLKOUT function automatically enables the P3.15 output driver. Setting bit
DP3.15=’1’ is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com