Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 112Page - STMicroelectronics ST10F280_12 Datasheet HTML 113Page - STMicroelectronics ST10F280_12 Datasheet HTML 114Page - STMicroelectronics ST10F280_12 Datasheet HTML 115Page - STMicroelectronics ST10F280_12 Datasheet HTML 116Page - STMicroelectronics ST10F280_12 Datasheet HTML 117Page - STMicroelectronics ST10F280_12 Datasheet HTML 118Page - STMicroelectronics ST10F280_12 Datasheet HTML 119Page - STMicroelectronics ST10F280_12 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 239 page
background image
Parallel ports
ST10F280
116/239
Doc ID 8673 Rev. 3
DP4
Address:
0xFFCAh / E5h SFR
Reset:
0x--00h
Type:
R/W
For CAN configuration support (see Chapter 15: CAN modules), Port 4 has a new open
drain function, controlled with the new ODP4 register:
ODP4
Address:
0xF1CAh / E5h ESFR
Reset:
0x--00h
Type:
R/W
Note:
Only bits 6 and 7 are implemented, all other bits will be read as “0”.
12.6.1
Alternate functions of Port 4
During external bus cycles that use segmentation (i.e. an address space above 64K Bytes)
a number of Port 4 pins may output the segment address lines. The number of pins used for
segment address output determines the directly accessible external address space.
The other pins of Port 4 may be used for general purpose I/O. If segment address lines are
selected, the alternate function of Port 4 may be necessary to access e.g. external memory
directly after reset. For this reason Port 4 will be switched to this alternate function
automatically.
The number of segment address lines is selected via PORT0 during reset. The selected
value can be read from bitfield SALSEL in register RP0H (read only) to check the
configuration during run time.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
--
---
DP4.7 DP4.6 DP4.5 DP4.4 DP4.3 DP4.2 DP4.1 DP4.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DP4.y Port direction register DP4 bit y
DP4.y = 0: Port line P4.y is an input (high-impedance)
DP4.y = 1: Port line P4.y is an output
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
--
-
-
-
ODP4.7
ODP4.6
-
-
-
---
R/W
R/W
ODP4.y Port 4 Open drain control register bit y
ODP4.y = 0: Port line P4.y output driver in push/pull mode
ODP4.y = 1: Port line P4.y output driver in open drain mode if P4.y is not a segment
address line output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com