Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 128Page - STMicroelectronics ST10F280_12 Datasheet HTML 129Page - STMicroelectronics ST10F280_12 Datasheet HTML 130Page - STMicroelectronics ST10F280_12 Datasheet HTML 131Page - STMicroelectronics ST10F280_12 Datasheet HTML 132Page - STMicroelectronics ST10F280_12 Datasheet HTML 133Page - STMicroelectronics ST10F280_12 Datasheet HTML 134Page - STMicroelectronics ST10F280_12 Datasheet HTML 135Page - STMicroelectronics ST10F280_12 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 239 page
background image
Parallel ports
ST10F280
132/239
Doc ID 8673 Rev. 3
12.10.1
Alternate functions of Port 8
The 8 lines of Port 8 (P8.7...P8.0) serve as capture inputs or compare outputs
(CC23IO...CC16IO) for the CAPCOM2 unit.
The usage of the port lines by the CAPCOM unit, its accessibility via software and the
precautions are the same as described for the Port 2 lines.
As all other capture inputs, the capture input function of pins P8.7...P8.0 can also be used
as external interrupt inputs (200 ns sample rate at 40MHz CPU clock).
The Table 24 summarizes the alternate functions of Port 8.
Figure 49.
Port 8 I/O and alternate functions
The port structures of Port 8 differ in the way the output latches are connected to the internal
bus and to the pin driver (see the Figure 50). Pins P8.7...P8.0 (CC23IO...CC16IO) combine
internal bus data and alternate data output before the port latch input, as do the Port 2 pins.
Table 24.
Port 8 alternate functions
Port 7
Alternate function
P8.0
P8.1
P8.2
P8.3
P8.4
P8.5
P8.6
P8.7
CC16IO Capture input / compare output channel 16
CC17IO Capture input / compare output channel 17
CC18IO Capture input / compare output channel 18
CC19IO Capture input / compare output channel 19
CC20IO Capture input / compare output channel 20
CC21IO Capture input / compare output channel 21
CC22IO Capture input / compare output channel 22
CC23IO Capture input / compare output channel 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com