Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 124Page - STMicroelectronics ST10F280_12 Datasheet HTML 125Page - STMicroelectronics ST10F280_12 Datasheet HTML 126Page - STMicroelectronics ST10F280_12 Datasheet HTML 127Page - STMicroelectronics ST10F280_12 Datasheet HTML 128Page - STMicroelectronics ST10F280_12 Datasheet HTML 129Page - STMicroelectronics ST10F280_12 Datasheet HTML 130Page - STMicroelectronics ST10F280_12 Datasheet HTML 131Page - STMicroelectronics ST10F280_12 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 239 page
background image
Parallel ports
ST10F280
128/239
Doc ID 8673 Rev. 3
ODP7
Address:
0xF1D2h / E9h ESFR
Reset:
0x--00h
Type:
R/W
12.9.1
Alternate functions of Port 7
The upper 4 lines of Port 7 (P7.7...P7.4) serve as capture inputs or compare outputs
(CC31IO...CC28IO) for the CAPCOM2 unit.
The usage of the port lines by the CAPCOM unit, its accessibility via software and the
precautions are the same as described for the Port 2 lines.
As all other capture inputs, the capture input function of pins P7.7...P7.4 can also be used
as external interrupt inputs (200 ns sample rate at 40MHz CPU clock).
The lower 4 lines of Port 7 (P7.3...P7.0) serve as outputs from the PWM module
(POUT3...POUT0). At these pins the value of the respective port output latch is XORed with
the value of the PWM output rather than ANDed, as the other pins do. This allows to use the
alternate output value either as it is (port latch holds a ‘0’) or invert its level at the pin (port
latch holds a ‘1’).
Note that the PWM outputs must be enabled via the respective PENx bits in PWMCON1.
The table below summarizes the alternate functions of Port 7.
15
14
13
12
11
10
9
8
765
4321
0
-
-
-
-
-
-
-
-
ODP7.7 ODP7.6 ODP7.5 ODP7.4 ODP7.3 ODP7.2 ODP7.1 ODP7.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ODP7.y Port 7 Open Drain control register bit y
ODP7.y = 0: Port line P7.y output driver in push-pull mode
ODP7.y = 1: Port line P7.y output driver in open drain mode
Table 23.
Port 7 alternate functions
Port 7 pin
Alternate function
P7.0
P7.1
P7.2
P7.3
P7.4
P7.5
P7.6
P7.7
POUT0 PWM mode channel 0 output
POUT1 PWM mode channel 1 output
POUT2 PWM mode channel 2 output
POUT3 PWM mode channel 3 output
CC28IO Capture input / compare output channel 28
CC29IO Capture input / compare output channel 29
CC30IO Capture input / compare output channel 30
CC31IO Capture input / compare output channel 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com