Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 121Page - STMicroelectronics ST10F280_12 Datasheet HTML 122Page - STMicroelectronics ST10F280_12 Datasheet HTML 123Page - STMicroelectronics ST10F280_12 Datasheet HTML 124Page - STMicroelectronics ST10F280_12 Datasheet HTML 125Page - STMicroelectronics ST10F280_12 Datasheet HTML 126Page - STMicroelectronics ST10F280_12 Datasheet HTML 127Page - STMicroelectronics ST10F280_12 Datasheet HTML 128Page - STMicroelectronics ST10F280_12 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
125/239
12.8.1
Alternate functions of Port 6
A programmable number of chip select signals (CS4...CS0) derived from the bus control
registers (BUSCON4...BUSCON0) can be output on the 5 pins of Port 6. The number of chip
select signals is selected via PORT0 during reset. The selected value can be read from
bitfield CSSEL in register RP0H (read only) e.g. in order to check the configuration during
run time. The table below summarizes the alternate functions of Port 6 depending on the
number of selected chip select lines (coded via bitfield CSSEL).
Figure 44.
Port 6 I/O and alternate functions
The chip select lines of Port 6 have an internal weak pull-up device. This device is switched
on during reset. This feature is implemented to drive the chip select lines high during reset
in order to avoid multiple chip selection.
After reset the CS function must be used, if selected so. In this case there is no possibility to
program any port latches before. Thus the alternate function (CS) is selected automatically
in this case.
Note:
The open drain output option can only be selected via software earliest during the
initialization routine; at least signal CS0 will be in push/pull output driver mode directly after
reset.
Table 22.
Port 6 alternate functions
Port 6 Pin
Altern. Function
CSSEL = 10
Altern. Function
CSSEL = 01
Altern. Function
CSSEL = 00
Altern. Function
CSSEL = 11
P6.0
P6.1
P6.2
P6.3
P6.4
General purpose I/O
General purpose I/O
General purpose I/O
General purpose I/O
General purpose I/O
Chip select CS0
Chip select CS1
Gen. purpose I/O
Gen. purpose I/O
Gen. purpose I/O
Chip select CS0
Chip select CS1
Chip select CS2
Gen. purpose I/O
Gen. purpose I/O
Chip select CS0
Chip select CS1
Chip select CS2
Chip select CS3
Chip select CS4
P6.5
P6.6
P6.7
HOLD External hold request input
HLDA Hold acknowledge output
BREQ Bus request output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com