Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 117Page - STMicroelectronics ST10F280_12 Datasheet HTML 118Page - STMicroelectronics ST10F280_12 Datasheet HTML 119Page - STMicroelectronics ST10F280_12 Datasheet HTML 120Page - STMicroelectronics ST10F280_12 Datasheet HTML 121Page - STMicroelectronics ST10F280_12 Datasheet HTML 122Page - STMicroelectronics ST10F280_12 Datasheet HTML 123Page - STMicroelectronics ST10F280_12 Datasheet HTML 124Page - STMicroelectronics ST10F280_12 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
121/239
P5
Address:
0xFFA2h / D1h SFR
Reset:
0xXXXXh
Type:
R
12.7.1
Alternate functions of Port 5
Each line of Port 5 is also connected to one of the multiplexer of the Analog/Digital
Converter. All port lines (P5.15...P5.0) can accept analog signals (AN15...AN0) that can be
converted by the ADC. No special programming is required for pins that shall be used as
analog inputs. Some pins of Port 5 also serve as external timer control lines for GPT1 and
GPT2. The table below summarizes the alternate functions of Port 5.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P5.15
P5.14
P5.13
P5.12
P5.11
P5.10
P5.9
P5.8
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
R
RRR
RR
RRR
RR
RRR
RR
P5.y Port data register P5 bit y (Read only)
Table 21.
Port 5 alternate functions
Port 5 pin
Alternate function a)
Alternate function b)
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
Analog Input AN0
Analog Input AN1
Analog Input AN2
Analog Input AN3
Analog Input AN4
Analog Input AN5
Analog Input AN6
Analog Input AN7
Analog Input AN8
Analog Input AN9
Analog Input AN10
Analog Input AN11
Analog Input AN12
Analog Input AN13
Analog Input AN14
Analog Input AN15
-
-
-
-
-
-
-
-
-
-
T6EUD Timer 6 ext. Up/Down Input
T5EUD Timer 5 ext. Up/Down Input
T6IN Timer 6 Count Input
T5IN Timer 5 Count Input
T4EUD Timer 4 ext. Up/Down Input
T2EUD Timer 2 ext. Up/Down Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com