Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 120Page - STMicroelectronics ST10F280_12 Datasheet HTML 121Page - STMicroelectronics ST10F280_12 Datasheet HTML 122Page - STMicroelectronics ST10F280_12 Datasheet HTML 123Page - STMicroelectronics ST10F280_12 Datasheet HTML 124Page - STMicroelectronics ST10F280_12 Datasheet HTML 125Page - STMicroelectronics ST10F280_12 Datasheet HTML 126Page - STMicroelectronics ST10F280_12 Datasheet HTML 127Page - STMicroelectronics ST10F280_12 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 239 page
background image
Parallel ports
ST10F280
124/239
Doc ID 8673 Rev. 3
12.8
Port 6
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured
via the corresponding direction register DP6. Each port line can be switched into push/pull
or open drain mode via the open drain control register ODP6.
P6 (FFCCh / E6h)
Address:
0xFFCCh / E6h SFR
Reset:
0x--00h
Type:
R/W
DP6
Address:
0xFFCEh / E7h SFR
Reset:
0x--00h
Type:
R/W
ODP6
Address:
0xF1CEh / E7h ESFR
Reset:
0x--00h
Type:
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P6.y Port data register P6 bit y
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
--
---
DP6.7 DP6.6 DP6.5 DP6.4 DP6.3 DP6.2 DP6.1 DP6.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DP6.y Port direction register DP6 bit y
DP6.y = 0: Port line P6.y is an input (high-impedance)
DP6.y = 1: Port line P6.y is an output
15
14
13
12
11
10
9
8
76543
210
---
----
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ODP6.y Port 6 Open Drain control register bit y
ODP6.y = 0: Port line P6.y output driver in push/pull mode
ODP6.y = 1: Port line P6.y output driver in open drain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com