Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 151Page - STMicroelectronics ST10F280_12 Datasheet HTML 152Page - STMicroelectronics ST10F280_12 Datasheet HTML 153Page - STMicroelectronics ST10F280_12 Datasheet HTML 154Page - STMicroelectronics ST10F280_12 Datasheet HTML 155Page - STMicroelectronics ST10F280_12 Datasheet HTML 156Page - STMicroelectronics ST10F280_12 Datasheet HTML 157Page - STMicroelectronics ST10F280_12 Datasheet HTML 158Page - STMicroelectronics ST10F280_12 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 239 page
background image
ST10F280
CAN modules
Doc ID 8673 Rev. 3
155/239
15
CAN modules
The two integrated CAN modules (CAN1 and CAN2) are identical and handle the
completely autonomous transmission and reception of CAN frames in accordance with the
CAN specification V2.0 part B (active) i.e. the on-chip CAN module can receive and transmit
standard frames with 11-bit identifiers as well as extended frames with 29-bit identifiers.
Because of duplication of CAN controllers, the following adjustements are to be considered:
●
The same internal register addresses both CAN controllers, but with the base
addresses differing in address bit A8 and separate chip select for each CAN module.
For address mapping, see Chapter 4.
●
The CAN1 transmit line (CAN1_TxD) is the alternate function of the port P4.6 and the
receive line (CAN1_RxD) is P4.5.
●
The CAN2 transmit line (CAN2_TxD) is the alternate function of the port P4.7 and the
receive line (CAN2_RxD) is the alternate function of the port P4.4.
●
Interrupt of CAN2 is connected to the XBUS interrupt line XP1 (CAN1 is on XP0).
●
Because of the new XPERCON register, both CAN modules have to be selected,
before the bit XPEN is set in SYSCON register.
●
After reset, the CAN1 is selected with the related control bit in the XPERCON register.
The CAN2 is not selected.
15.1
Memory mapping
15.1.1
CAN1
Address range 00’EF00h 00’EFFFh is reserved for the CAN1 Module access. The CAN1 is
enabled by setting bit 0 of the new XPERCON register before setting XPEN bit 2 of the
SYSCON register. Accesses to the CAN Module use demultiplexed addresses and a 16-bit
data bus (byte accesses are possible). Two waitstates give an access time of 100 ns at
40MHz CPU clock. No tristate waitstate is used.
15.1.2
CAN2
Address range 00’EE00h 00’EEFFh is reserved for the CAN2 Module access. The CAN2 is
enabled by setting XPEN bit 2 of the SYSCON register and bit 1 of the new XPERCON
register. Accesses to the CAN Module use demultiplexed addresses and a 16-bit data bus
(byte accesses are possible). Two waitstates give an access time of 100 ns at 40MHz CPU
clock. No tristate waitstate is used.
Note:
If one or the two CAN modules are used, Port 4 can not be programmed to output all 8
segment address lines. Thus, only 4 segment address lines can be used, reducing the
external memory space to 5M Bytes (1M Byte per CS line).
15.2
CAN bus configurations
Depending on application, CAN bus configuration may be one single bus with a single or
multiple interfaces or a multiple bus with a single or multiple interfaces. The ST10F280 is
able to support these 2 cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com