Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 148Page - STMicroelectronics ST10F280_12 Datasheet HTML 149Page - STMicroelectronics ST10F280_12 Datasheet HTML 150Page - STMicroelectronics ST10F280_12 Datasheet HTML 151Page - STMicroelectronics ST10F280_12 Datasheet HTML 152Page - STMicroelectronics ST10F280_12 Datasheet HTML 153Page - STMicroelectronics ST10F280_12 Datasheet HTML 154Page - STMicroelectronics ST10F280_12 Datasheet HTML 155Page - STMicroelectronics ST10F280_12 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 239 page
background image
Serial channels
ST10F280
152/239
Doc ID 8673 Rev. 3
Using the above equation, the maximum Baud rate can be calculated for any clock speed as
given in Table 29.
Note:
The deviation errors given in the Table 29 are rounded. To avoid deviation errors use a Baud
rate crystal (providing a multiple of the ASC0/SSC sampling frequency)
14.2
High speed synchronous serial channel (SSC)
The High-Speed Synchronous Serial Interface SSC provides flexible high-speed serial
communication between the ST10F280 and other microcontrollers, microprocessors or
external peripherals.
The SSC supports full-duplex and half-duplex synchronous communication. The serial clock
signal can be generated by the SSC itself (master mode) or be received from an external
master (slave mode). Data width, shift direction, clock polarity and phase are programmable.
This allows communication with SPI-compatible devices. Transmission and reception of data
is double-buffered. A 16-bit Baud rate generator provides the SSC with a separate serial
clock signal. The serial channel SSC has its own dedicated 16-bit Baud rate generator with
16-bit reload capability, allowing Baud rate generation independent from the timers.
Table 29.
Commonly used baud rates by reload value and deviation errors
S0BRS = ‘0’, fCPU = 40MHz
S0BRS = ‘1’, fCPU = 40MHz
Baud rate
(Baud)
Deviation
error
Reload value
(hexa)
Baud rate
(Baud)
Deviation
error
Reload value
(hexa)
5 000 000
0.0% / 0.0%
0000 / 0000
3 333 333
0.0% / 0.0%
0000 / 0000
112 000
+1.5% /0.8%
002B / 002C
112 000
+2.6% /0.8%
001C / 001D
56 000
+0.3% /0.8%
0058 / 0059
56 000
+0.9% /0.8%
003A / 003B
38 400
+0.2% /0.6%
0081 / 0082
38 400
+0.9% /0.2%
0055 / 0056
19 200
+0.2% /0.2%
0103 / 0104
19 200
+0.4% /0.2%
00AC / 00AD
9 600
+0.2% /0.0%
0207 / 0208
9 600
+0.1% /0.2%
015A / 015B
4 800
+0.1% /0.0%
0410 / 0411
4 800
+0.1% /0.1%
02B5 / 02B6
2 400
0.0% / 0.0%
0822 / 0823
2 400
+0.1% /0.0%
056B / 056C
1 200
0.0% / 0.0%
1045 / 1046
1 200
0.0% / 0.0%
0AD8 / 0AD9
900
0.0% / 0.0%
15B2 / 15B3
600
0.0% / 0.0%
15B2 / 15B3
612
0.0% / 0.0%
1FE8 / 1FE9
407
0.0% / 0.0%
1FFD / 1FFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com