Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 146Page - STMicroelectronics ST10F280_12 Datasheet HTML 147Page - STMicroelectronics ST10F280_12 Datasheet HTML 148Page - STMicroelectronics ST10F280_12 Datasheet HTML 149Page - STMicroelectronics ST10F280_12 Datasheet HTML 150Page - STMicroelectronics ST10F280_12 Datasheet HTML 151Page - STMicroelectronics ST10F280_12 Datasheet HTML 152Page - STMicroelectronics ST10F280_12 Datasheet HTML 153Page - STMicroelectronics ST10F280_12 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 239 page
background image
Serial channels
ST10F280
150/239
Doc ID 8673 Rev. 3
Using the above equation, the maximum Baud rate can be calculated for any given clock
speed. Baud rate versus reload register value (SOBRS=0 and SOBRS=1) is described in
Table 28.
Note:
The deviation errors given in the Table 28 are rounded. To avoid deviation errors use a Baud
rate crystal (providing a multiple of the ASC0/SSC sampling frequency).
Table 28.
Commonly used baud rates by reload value and deviation errors
S0BRS = ‘0’, fCPU = 40MHz
S0BRS = ‘1’, fCPU = 40MHz
Baud rate
(Baud)
Deviation
error
Reload value
(hexa)
Baud rate
(Baud)
Deviation
error
Reload value
(hexa)
1 250 000
0.0% / 0.0%
0000 / 0000
833 333
0.0% / 0.0%
0000 / 0000
112 000
+1.5% /7.0%
000A / 000B
112 000
+6.3% /7.0%
0006 / 0007
56 000
+1.5% /3.0%
0015 / 0016
56 000
+6.3% /0.8%
000D / 000E
38 400
+1.7% /1.4%
001F / 0020
38 400
+3.3% /1.4%
0014 / 0015
19 200
+0.2% /1.4%
0040 / 0041
19 200
+0.9% /1.4%
002A / 002B
9 600
+0.2% /0.6%
0081 / 0082
9 600
+0.9% /0.2%
0055 / 0056
4 800
+0.2% /0.2%
0103 / 0104
4 800
+0.4% /0.2%
00AC / 00AD
2 400
+0.2% /0.0%
0207 / 0208
2 400
+0.1% /0.2%
015A / 015B
1 200
0.1% / 0.0%
0410 / 0411
1 200
+0.1% /0.1%
02B5 / 02B6
600
0.0% / 0.0%
0822 / 0823
600
+0.1% /0.0%
056B / 056C
300
0.0% / 0.0%
1045 / 1046
300
0.0% / 0.0%
0AD8 / 0AD9
153
0.0% / 0.0%
1FE8 / 1FE9
102
0.0% / 0.0%
1FE8 / 1FE9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com