Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 142Page - STMicroelectronics ST10F280_12 Datasheet HTML 143Page - STMicroelectronics ST10F280_12 Datasheet HTML 144Page - STMicroelectronics ST10F280_12 Datasheet HTML 145Page - STMicroelectronics ST10F280_12 Datasheet HTML 146Page - STMicroelectronics ST10F280_12 Datasheet HTML 147Page - STMicroelectronics ST10F280_12 Datasheet HTML 148Page - STMicroelectronics ST10F280_12 Datasheet HTML 149Page - STMicroelectronics ST10F280_12 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 239 page
background image
A/D converter
ST10F280
146/239
Doc ID 8673 Rev. 3
Registers
The XTCVR register input is linked to several sources:
●
XTSVR register (start value) for reload when the period is finished, or for load when
the timer is starting.
●
Incrementer output when the ’up’ mode is selected,
●
Decrementer output when the ’down’ mode is selected.
●
The selection between the sources is made through the XTCR control register.
When starting the timer, by setting TEN bit of TCR to ’1’, XTCVR will be loaded with XTSVR
value on the first rising edge of the counting clock. That’s to say that for counting from 0000h
to 0009h for example, 10 counting clock rising edges are required.
The XTCVR register output is continuously compared to the XTEVR register to detect the
end of the counting period. When the registers are equal, several actions are made
depending on the XTCR control register content :
●
The output XADCINJ is conditionally generated,
●
XTCVR is loaded with XTSVR or stops or continues to count (see Table ).
XTEVR, XTSVR and all TCR bits except TEN must not be modified while the timer is
counting, ie while TEN bit of TCR = ’1’. The timer behaviour is not guaranteed if this rule is
not respected. It implies that the timer can be configured only when stopped (TEN = ’0’).
When programming the timer, XTEVR, XTSVR and XTCR bits except TEN can be modified,
with TEN = ’0’; then the timer is started by modifying only TEN bit of TCR. To stop the timer,
only TEN bit should be modified, from ’1’ to ’0’.
Timer output (XADCINJ)
The XADCINJ output is the result of the (XTCVR = XTEVR) flag after differentiation. The
duration of the output lasts two cycles (50ns at 40MHz).
Figure 54.
XADCINJ timer output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com