Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 141Page - STMicroelectronics ST10F280_12 Datasheet HTML 142Page - STMicroelectronics ST10F280_12 Datasheet HTML 143Page - STMicroelectronics ST10F280_12 Datasheet HTML 144Page - STMicroelectronics ST10F280_12 Datasheet HTML 145Page - STMicroelectronics ST10F280_12 Datasheet HTML 146Page - STMicroelectronics ST10F280_12 Datasheet HTML 147Page - STMicroelectronics ST10F280_12 Datasheet HTML 148Page - STMicroelectronics ST10F280_12 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 239 page
background image
ST10F280
A/D converter
Doc ID 8673 Rev. 3
145/239
Registers mapping
13.3.3
Block diagram
Figure 53.
XTIMER block diagram
Clocks
The XTCVR register clock is the prescaler output. The prescaler allows to divide the basic
register frequency in order to offer a wide range of counting period, from 2**2 to 2**33
cycles (note that 1 cycle = 1 XCLK periods).
Table 27.
Timer registers mapping
Address (Hexa)
Register Name
Reset Value (Hexa)
Access
C000h
XTCR : Control
0000h
RW
C002h
XTSVR : Start Value
0000h
RW
C004h
XTEVR : End Value
0000h
RW
C006h
XTCVR : Current Value
0000h
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com