Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 137Page - STMicroelectronics ST10F280_12 Datasheet HTML 138Page - STMicroelectronics ST10F280_12 Datasheet HTML 139Page - STMicroelectronics ST10F280_12 Datasheet HTML 140Page - STMicroelectronics ST10F280_12 Datasheet HTML 141Page - STMicroelectronics ST10F280_12 Datasheet HTML 142Page - STMicroelectronics ST10F280_12 Datasheet HTML 143Page - STMicroelectronics ST10F280_12 Datasheet HTML 144Page - STMicroelectronics ST10F280_12 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 239 page
background image
ST10F280
A/D converter
Doc ID 8673 Rev. 3
141/239
Figure 52.
Block diagram
The XADCMUX register is enabled by setting XPEN bit 2 of the SYSCON register and bit 3
of the new XPERCON register
XADCMUX
Address:
0xC384h
Reset:
0x0000h
Type:
R/W
13.3
XTIMER peripheral (trigger for ADC channel injection)
This new peripheral is dedicated for the Channel Injection Mode of the A/D converter. This
mode injects a channel into a running sequence without disturbing this sequence. The
peripheral event controller stores the conversion results in memory without entering and
exiting interrupt routines for each data transfer.
A channel injection can be triggered by an event on Capture/Compare CC31 (Port P7.7) of
the CAPCOM2 unit.
The dedicated output XADCINJ of the XTIMER must be connected externally on the input
P7.7/CC31.
15
14
13
12
11
10
987
6543
21
0
---
----
----
---
-
XADCMUX
R/W
XADCMUX.0 0: Default configuration,analog inputs on port P5.y can be converted
1: Analog inputs on port XP10.y can be converted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com