Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 140Page - STMicroelectronics ST10F280_12 Datasheet HTML 141Page - STMicroelectronics ST10F280_12 Datasheet HTML 142Page - STMicroelectronics ST10F280_12 Datasheet HTML 143Page - STMicroelectronics ST10F280_12 Datasheet HTML 144Page - STMicroelectronics ST10F280_12 Datasheet HTML 145Page - STMicroelectronics ST10F280_12 Datasheet HTML 146Page - STMicroelectronics ST10F280_12 Datasheet HTML 147Page - STMicroelectronics ST10F280_12 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 239 page
background image
A/D converter
ST10F280
144/239
Doc ID 8673 Rev. 3
XTSVR : Timer Start Value Register
Address:
0xC002h
Reset:
0x0000h
Type:
R/W
XTEVR : Timer End Value Register
Address:
0xC004h
Reset:
0x0000h
Type:
R/W
XTCVR : Timer Current Value Register
Address:
0xC006h
Reset:
0x0000h
Type:
R
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TSVR
RW
TSVR[15:0] Timer Start Value
TSVR contains the data to be transferred to the TCVR ’Current Value’ register when :
– TEN = ’1’ (TIM enable),
TLE = ’1’ (TIM Load enable),
TCVR = TEVR (count period finished),
TCS = ’1’ (stop mode disabled).
– first counting clock rising edge after the timer start (the timer starts on TEN rising
edge).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TEVR
RW
TEVR[15:0] Timer End Value
TEVR contains the data to be compared to the TCVR ’Current Value’ register.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TCVR
R
TCVR[15:0] Timer Current Value
TCVR contains the current counting value. When TCVR = TEVR, TCVR content is
changed according to Table . The TCVR clock is derived from internal XCLK clock
according to TFP bits when TCM = ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com