Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 138Page - STMicroelectronics ST10F280_12 Datasheet HTML 139Page - STMicroelectronics ST10F280_12 Datasheet HTML 140Page - STMicroelectronics ST10F280_12 Datasheet HTML 141Page - STMicroelectronics ST10F280_12 Datasheet HTML 142Page - STMicroelectronics ST10F280_12 Datasheet HTML 143Page - STMicroelectronics ST10F280_12 Datasheet HTML 144Page - STMicroelectronics ST10F280_12 Datasheet HTML 145Page - STMicroelectronics ST10F280_12 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 239 page
background image
A/D converter
ST10F280
142/239
Doc ID 8673 Rev. 3
Due to the multiplexed inputs, at a time, the ADC exclusively converts the Port5 inputs or the
XPort10 inputs. If one "y" channel has to be used continuously in injection mode, it must be
externally hardware connected to the Port5.y and XPort10.y inputs.
The XTIMER peripheral is enabled by setting XPEN bit 2 of the SYSCON register and bit 3
of the new XPERCON register.
13.3.1
Main features
The XTIMER features are :
●
16 bits linear timer / 4 bits exponential prescaler
●
Counting between 16 bits “start value” and 16 bits “end value”
●
Counting period between 4 cycles and 2**33 cycles (100 ns and 214s using 40MHz
CPU clock)
●
1 trigger ouput (XADCINJ)
●
Programmable functions :
–
Internal clock XCLK is derivated from the CPU clock and has the same period
–
Up counting / down counting
–
Reload enable
–
Continue / stop modes
●
4 memory mapped registers :
–
Control / prescaler
–
Start value
–End value
–
Current value
Table 26.
The different counting Modes
TLE TCS TCVR(n) = TEVR
TUD
TEN
TCVR(n+1)
comments
xx
x
x
0
TCVR(n)
Timer disable
x0
1
x
1
Stop
xx
0
0
TCVR(n)-1
Decrement
0
1
1
Decrement (Continue)
xx
0
1
TCVR(n)+1
Increment
0
1
1
Increment (Continue)
1
1
1
x
TSVR
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com