Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 134Page - STMicroelectronics ST10F280_12 Datasheet HTML 135Page - STMicroelectronics ST10F280_12 Datasheet HTML 136Page - STMicroelectronics ST10F280_12 Datasheet HTML 137Page - STMicroelectronics ST10F280_12 Datasheet HTML 138Page - STMicroelectronics ST10F280_12 Datasheet HTML 139Page - STMicroelectronics ST10F280_12 Datasheet HTML 140Page - STMicroelectronics ST10F280_12 Datasheet HTML 141Page - STMicroelectronics ST10F280_12 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 239 page
background image
Parallel ports
ST10F280
138/239
Doc ID 8673 Rev. 3
12.12
XPort 10
The XPort10 is enabled by setting XPEN bit 2 of the SYSCON register and bit 3 of the new
XPERCON register. On the XBUS interface, the register are not bit-addressable. This 16-bit
input port can only read data. There is no output latch and no direction register. Data written
to XP10 will be lost.
XP10
Address:
0xC380h
Reset:
0xXXXXh
Type:
R
12.12.1
Alternate functions of XPort 10
Each line of XPort 10 is also connected to one of the multiplexer of the Analog/Digital
Converter. All port lines (XP10.15...XP10.0) can accept analog signals (AN31...AN16) that
can be converted by the ADC. No special programming is required for pins that shall be
used as analog inputs. The Table 25 summarizes the alternate functions of XPort 10.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RRR
RR
RRR
RR
RRR
RR
XP10.y Port data register XP10 bit y (Read only)
Table 25.
XPort 10 alternate functions
XPort 10 Pin
Alternate function
P10.0
P10.1
P10.2
P10.3
P10.4
P10.5
P10.6
P10.7
P10.8
P10.9
P10.10
P10.11
P10.12
P10.13
P10.14
P10.15
Analog Input AN16
Analog Input AN17
Analog Input AN18
Analog Input AN19
Analog Input AN20
Analog Input AN21
Analog Input AN22
Analog Input AN23
Analog Input AN24
Analog Input AN25
Analog Input AN26
Analog Input AN27
Analog Input AN28
Analog Input AN29
Analog Input AN30
Analog Input AN31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com