Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 145Page - STMicroelectronics ST10F280_12 Datasheet HTML 146Page - STMicroelectronics ST10F280_12 Datasheet HTML 147Page - STMicroelectronics ST10F280_12 Datasheet HTML 148Page - STMicroelectronics ST10F280_12 Datasheet HTML 149Page - STMicroelectronics ST10F280_12 Datasheet HTML 150Page - STMicroelectronics ST10F280_12 Datasheet HTML 151Page - STMicroelectronics ST10F280_12 Datasheet HTML 152Page - STMicroelectronics ST10F280_12 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 239 page
background image
ST10F280
Serial channels
Doc ID 8673 Rev. 3
149/239
14.1.1
ASCO in asynchronous mode
In asynchronous mode, 8 or 9-bit data transfer, parity generation and the number of stop bit
can be selected. Parity framing and overrun error detection is provided to increase the
reliability of data transfers. Transmission and reception of data is double-buffered. Full-
duplex communication up to 1.25M Bauds (at 40MHz of fCPU) is supported in this mode.
Figure 56.
Asynchronous mode of serial channel ASC0
Asynchronous mode baud rates
For asynchronous operation, the Baud rate generator provides a clock with 16 times the rate
of the established Baud rate. Every received Bit is sampled at the 7th, 8th and 9th cycle of
this clock. The Baud rate for asynchronous operation of serial channel ASC0 and the
required reload value for a given Baud rate can be determined by the following formulas:
(S0BRL) represents the content of the reload register, taken as unsigned 13 Bit integer,
(S0BRS) represents the value of Bit S0BRS (‘0’ or ‘1’), taken as integer.
BAsync =
fCPU
16 x [2 + (S0BRS)] x [(S0BRL) + 1]
S0BRL = (
fCPU
16 x [2 + (S0BRS)] x BAsync
) 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com