Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STICE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STICE
Description  Full-featured cost-effective emulation system for ST microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STICE Datasheet(HTML) 1 Page - STMicroelectronics

  STICE Datasheet HTML 1Page - STMicroelectronics STICE Datasheet HTML 2Page - STMicroelectronics STICE Datasheet HTML 3Page - STMicroelectronics STICE Datasheet HTML 4Page - STMicroelectronics STICE Datasheet HTML 5Page - STMicroelectronics STICE Datasheet HTML 6Page - STMicroelectronics STICE Datasheet HTML 7Page - STMicroelectronics STICE Datasheet HTML 8Page - STMicroelectronics STICE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
May 2011
Doc ID 13797 Rev 4
1/9
9
STICE CF/Stice_Connect
AD/Stice_Connect AS/Stice_Connect
Full-featured cost-effective emulation system
for ST microcontrollers
Features
■ Emulation system
– Real-time emulation of STM8 MCUs (CPU
frequency from 250 Hz up to 50 MHz)
– Application profiling for execution time or
number of executions at instruction/source
code/function level
– Coverage analysis on code (at
instruction/source code/function level) or
data (memory locations or variables) for the
entire memory space
– Unlimited instruction breakpoints for the
entire MCU memory space
– Data breakpoints
– Advanced breakpoints with up to 4 levels of
user-configured conditions
– Control of application memory accesses
configurable at byte level
– Trace of 128 K records with time stamp
– Non-intrusive read/write on-the-fly to data
memory during emulation
– Power supply follower managing STM8
application voltages in range 1.65 to 5.5 V
(0.8 V possible for MEB with specific TEB)
– 8-bit probe analyzer
– Input trigger and 2 output triggers
– In-circuit debugging/programming via
SWIM
– USB 2.0 (high-speed) interface to host PC
■ Connection accessories
– CF/Stice_Connect: 60- or 120-pin flexible
cable to connect to the application
– AD/Stice_Connect: connection adapter to
adapt the connection flex to the target
device package
– AS/Stice_Connect: adapter socket
soldered onto the application and receiving
the AD/Stice_connect
Table 1.
Device summary
Part numbers
Contents
STICE
Emulation system
CF/Stice_Connect
Connection flex
AD/Stice_Connect
Connection adapter for
target device package or
SWIM connector
AS/Stice_Connect
Adapter socket
AS/Stice_Connect
AD/Stice_Connect
CF/Stice_Connect
www.st.com


Similar Part No. - STICE

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
STI MITSUMI-STI Datasheet
152Kb / 2P
Small Type Tactile Switches
logo
List of Unclassifed Man...
STI-01(T)-110N ETC2-STI-01(T)-110N Datasheet
232Kb / 8P
Crimping tools and machines
STI-01(T)-110N ETC2-STI-01(T)-110N Datasheet
224Kb / 8P
APPLICATION TOOLING
STI-01-110N ETC1-STI-01-110N Datasheet
254Kb / 7P
TERMINAL
STI-01T-110N ETC1-STI-01T-110N Datasheet
254Kb / 7P
TERMINAL
More results

Similar Description - STICE

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
logo
Microchip Technology
PIC16F18857 MICROCHIP-PIC16F18857 Datasheet
7Mb / 668P
Full-Featured 28/40/44-Pin Microcontrollers
02/28/20
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19195 MICROCHIP-PIC16F19195 Datasheet
9Mb / 731P
Full-Featured 64-Pin Microcontrollers
05/14/19
PIC16F15325 MICROCHIP-PIC16F15325 Datasheet
6Mb / 558P
Full-Featured 14/16/20-Pin Microcontrollers
08/15/18
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
PIC16F17126 MICROCHIP-PIC16F17126 Datasheet
12Mb / 652P
PIC16F17126/46 Full-Featured 14/20-Pin Microcontrollers
Doc. Rev. C Date 03/2022
PIC16F18126 MICROCHIP-PIC16F18126 Datasheet
12Mb / 639P
PIC16F18126/46 Full-Featured 14/20-Pin Microcontrollers
Doc. Rev. C Date 03/2022
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com