Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60DJF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30M60DJF
Description  High efficiency power Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60DJF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30M60DJF Datasheet HTML 1Page - STMicroelectronics STPS30M60DJF Datasheet HTML 2Page - STMicroelectronics STPS30M60DJF Datasheet HTML 3Page - STMicroelectronics STPS30M60DJF Datasheet HTML 4Page - STMicroelectronics STPS30M60DJF Datasheet HTML 5Page - STMicroelectronics STPS30M60DJF Datasheet HTML 6Page - STMicroelectronics STPS30M60DJF Datasheet HTML 7Page - STMicroelectronics STPS30M60DJF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS30M60DJF
2/8
Doc ID 023120 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.55 x IF(AV) + 0.004 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values, anode terminals 1 and 3 short circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) Forward rms current
45
A
IF(AV)
Average forward current
δ = 0.5
Tc = 100 °C
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
PARM
(1)
1.
More details regarding the avalanche energy measurements and diode validation in the avalanche are
provided in the STMicroelectronics’ application notes AN1768 and AN2025.
Repetitive peak avalanche power
3500
W
VARM
Maximum repetitive peak avalanche
voltage
tp < 1 µs, Tj < 150 °C
IAR < 13 A
80
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (2)
2.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.0
°C/W
Table 4.
Static electrical characteristics (anode terminals short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
-
-
90
µA
Tj = 125 °C
-
20
50
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
-
0.59
V
Tj = 125 °C
-
0.46
0.52
Tj = 25 °C
IF = 30 A
-
-
0.72
Tj = 125 °C
-
0.57
0.67
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com