Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60DJF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30M60DJF
Description  High efficiency power Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60DJF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30M60DJF Datasheet HTML 1Page - STMicroelectronics STPS30M60DJF Datasheet HTML 2Page - STMicroelectronics STPS30M60DJF Datasheet HTML 3Page - STMicroelectronics STPS30M60DJF Datasheet HTML 4Page - STMicroelectronics STPS30M60DJF Datasheet HTML 5Page - STMicroelectronics STPS30M60DJF Datasheet HTML 6Page - STMicroelectronics STPS30M60DJF Datasheet HTML 7Page - STMicroelectronics STPS30M60DJF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS30M60DJF
4/8
Doc ID 023120 Rev 1
Figure 11.
Reverse safe operating area (tp < 1 µs and Tj < 150 °C)
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 9.
Forward voltage drop versus
forward current
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
35
40
45
50
55
60
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
I (mA)
R
V (V)
R
100
1000
10000
1
10
100
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j
C(pF)
V (V)
R
I
(A)
FM
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T = 125 °C
(Maximum values)
j
V
(V)
FM
T = 25 °C
(Maximum values)
j
T = 125 °C
(Typical values)
j
0
50
100
150
200
250
01
23
45
67
8
9
10
R
(°C/W)
th(j-a)
S (cm²)
cu
epoxy printed board FR4,
copper thickness = 35 µm
I
(A)
arm
5
10
15
20
60
65
70
75
80
85
90
95
100
105
110
Varm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com