Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3934SB Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3934SB
Description  120W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3934SB Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3934SB Datasheet HTML 5Page - RF Micro Devices RF3934SB Datasheet HTML 6Page - RF Micro Devices RF3934SB Datasheet HTML 7Page - RF Micro Devices RF3934SB Datasheet HTML 8Page - RF Micro Devices RF3934SB Datasheet HTML 9Page - RF Micro Devices RF3934SB Datasheet HTML 10Page - RF Micro Devices RF3934SB Datasheet HTML 11Page - RF Micro Devices RF3934SB Datasheet HTML 12Page - RF Micro Devices RF3934SB Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RF3934
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Bias Instruction for RF3934 Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board.
Evaluation board requires additional external fan cooling.
Connect all supplies before powering evaluation board.
1. Connect RF cables at RFIN and RFOUT.
2. Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this ground terminal.
3. Apply -8V to VG.
4. Apply 48V to VD.
5. Increase VG until drain current reaches 440mA or desired bias point.
6. Turn on the RF input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com