Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3934SB Datasheet (PDF) - RF Micro Devices

RF3934SB Datasheet PDF - RF Micro Devices
Part # RF3934SB
Download  RF3934SB Download
File Size   1658.36 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 120W GaN WIDEBAND POWER AMPLIFIER

RF3934SB Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3934SB Datasheet PDF - RF Micro Devices

Part # RF3934SB
Download  RF3934SB Click to download

File Size   1658.36 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 120W GaN WIDEBAND POWER AMPLIFIER

RF3934SB Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF3934SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
120W GaN on SiC Power Amplifier Die
More results


Similar Description - RF3934SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
60W GaN WIDEBAND POWER AMPLIFIER
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
280W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
120W GaN on SiC Power Amplifier Die
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
RF Micro Devices
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
225W GaN Wideband Pulsed Power Amplifier
logo
Microsemi Corporation
1214GN-120E MICROSEMI-1214GN-120E Datasheet
488Kb / 16P
120W L-Band Radar GaN Power Transistor and Pallet Amplifier
Revision 1.0
logo
Qorvo, Inc
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com