Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40SM100C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40SM100C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40SM100C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40SM100C Datasheet HTML 1Page - STMicroelectronics STPS40SM100C Datasheet HTML 2Page - STMicroelectronics STPS40SM100C Datasheet HTML 3Page - STMicroelectronics STPS40SM100C Datasheet HTML 4Page - STMicroelectronics STPS40SM100C Datasheet HTML 5Page - STMicroelectronics STPS40SM100C Datasheet HTML 6Page - STMicroelectronics STPS40SM100C Datasheet HTML 7Page - STMicroelectronics STPS40SM100C Datasheet HTML 8Page - STMicroelectronics STPS40SM100C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS40SM100C
2/9
Doc ID 15525 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.580 x IF(AV) + 0.0043 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward current rms
60
A
IF(AV)
Average forward current
δ = 0.5
Tc = 130 °C
Per diode
20
A
Tc = 125 °C
Per device
40
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
530
A
PARM
(1)
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
18000
W
VARM
(2)
Maximum repetitive peak avalanche voltage
tp < 1 µs Tj < 150 °C
IAR < 45 A
120
V
VASM
(2)
Maximum single pulse peak avalanche voltage
tp < 1 µs Tj < 150 °C
IAR < 45 A
120
V
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (3)
150
°C
1.
For temperature or pulse time duration deratings, refer to Figure 4. and Figure 5. More details regarding the avalanche
energy measurements and diode validation in the avalanche are provided in the application notes AN1768 and AN2025.
2.
Refer to Figure 11.
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
1.3
0.7
°C/W
Rth(c)
Coupling
0.1
Table 4.
Static electrical characteristics (per diode, at 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = 70 V
7µA
Tj = 125 °C
7
mA
Tj = 25 °C
VR = 100 V
13
45
µA
Tj = 125 °C
13
45
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
520
mV
Tj = 125 °C
435
Tj = 25 °C
IF = 10A
620
700
Tj = 125 °C
520
580
Tj = 25 °C
IF = 20 A
740
810
Tj = 125 °C
605
665
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com