Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40SM100C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40SM100C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40SM100C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40SM100C Datasheet HTML 1Page - STMicroelectronics STPS40SM100C Datasheet HTML 2Page - STMicroelectronics STPS40SM100C Datasheet HTML 3Page - STMicroelectronics STPS40SM100C Datasheet HTML 4Page - STMicroelectronics STPS40SM100C Datasheet HTML 5Page - STMicroelectronics STPS40SM100C Datasheet HTML 6Page - STMicroelectronics STPS40SM100C Datasheet HTML 7Page - STMicroelectronics STPS40SM100C Datasheet HTML 8Page - STMicroelectronics STPS40SM100C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS40SM100C
4/9
Doc ID 15525 Rev 2
Figure 8.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
Figure 10.
Forward voltage drop versus
forward current (per diode)
Figure 11.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
IR(mA)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
203040
5060
708090
100
T
j=125 °C
T
j=100 °C
T
j=75 °C
T
j=50 °C
T
j=25 °C
T
j=150 °C
VR(V)
C(pF)
100
1000
10000
1
10
100
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
VR(V)
IFM(A)
0
5
10
15
20
25
30
35
40
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
T
j=25 °C
Maximum values
T
j=125 °C
Maximum values
T
j=125 °C
Maximum values
T
j=125 °C
Typical values
T
j=125 °C
Typical values
V
(V)
FM
Iarm (A)
35
37
39
41
43
45
47
49
51
53
55
100
110
120
130
140
150
Varm (V)
Forbidden area
Operating area
Varm (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com