Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS41L60C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS41L60C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L60C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS41L60C_11 Datasheet HTML 1Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 2Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 3Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 4Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 5Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 6Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 7Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 8Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS41L60C
4/9
Doc ID 8616 Rev 6
Figure 12.
Reverse safe operating area (tp < 1 µs, Tj > 150 °C)
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values)
I(mA)
R
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
35
40
45
50
55
60
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
V (V)
R
C(nF)
0.1
1.0
10.0
1
10
100
F=1 MHz
V
OSC= 30 mV
Tj=25 °C
V (V)
R
Figure 10.
Forward voltage drop versus
forward current
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under tab (STPS41L60CG only)
I
(A)
FM
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj=25 °C
(Maximum values)
Tj=125 °C
(Maximum values)
Tj=125 °C
(Maximum values)
Tj=125 °C
(Typical values)
Tj=125 °C
(Typical values)
V
(V)
FM
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
Epoxy printed circuit board
copper thickness = 35 µm
20
25
30
35
40
45
50
60
65
70
75
80
85
90
IARM (A)
VARM (V)
Operating area
Forbidden area



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com