Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS41L60C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS41L60C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L60C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS41L60C_11 Datasheet HTML 1Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 2Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 3Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 4Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 5Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 6Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 7Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 8Page - STMicroelectronics STPS41L60C_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2011
Doc ID 8616 Rev 6
1/9
9
STPS41L60C
Power Schottky rectifier
Features
■ Low forward voltage drop
■ Negligible switching losses
■ Low thermal resistance
■ Avalanche capability specified
Description
These dual center tap Schottky rectifiers are
suited for switch mode power supplies and high
frequency DC to DC converters.
Packaged in D2PAK, I2PAK and TO-220AB, this
device is intended for use in low voltage, high
frequency inverters, free-wheeling and polarity
protection applications.
Figure 1.
Electrical characteristics (a)
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 12 VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
Table 1.
Device summary
IF(AV)
2 x 20 A
VRRM
60 V
Tj (max)
150 °C
VF (max)
0.58 V
A1
K
A2
K
A1
A2
A1
K
A2
K
A1
K
A2
K
TO-220AB
STPS41L60CT
D2PAK
STPS41L60CG
I2PAK
STPS41L60CR
www.st.com


Similar Part No. - STPS41L60C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
141Kb / 8P
Power Schottky rectifier
28-May-2007
logo
Inchange Semiconductor ...
STPS41L60CG ISC-STPS41L60CG Datasheet
275Kb / 2P
Schottky Rectifier
logo
STMicroelectronics
STPS41L60CG-TR STMICROELECTRONICS-STPS41L60CG-TR Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG-TR STMICROELECTRONICS-STPS41L60CG-TR Datasheet
141Kb / 8P
Power Schottky rectifier
28-May-2007
More results

Similar Description - STPS41L60C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com