Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045CH Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2045CH
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045CH Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2045CH Datasheet HTML 1Page - STMicroelectronics STPS2045CH Datasheet HTML 2Page - STMicroelectronics STPS2045CH Datasheet HTML 3Page - STMicroelectronics STPS2045CH Datasheet HTML 4Page - STMicroelectronics STPS2045CH Datasheet HTML 5Page - STMicroelectronics STPS2045CH Datasheet HTML 6Page - STMicroelectronics STPS2045CH Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS2045CH
4/7
Doc ID 023045 Rev 1
Figure 8.
Reverse safe operating area
(tp < 10 µs and Tj < 125 °C)
Figure 9.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
30
40
50
60
70
80
Iarm (A)
Varm (V)
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
Tamb(°C)
I
F(AV)(A)
T
δ = tp/T
tp
Rth(j-a)=Rth(j-c)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com